PART |
Description |
Maker |
IPB80N04S2-04 IPI80N04S2-04 SP0002-18154 SP0002-19 |
80 A, 40 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB GREEN, PLASTIC, TO-220, 3 PIN OptiMOS? Power-Transistor OptiMOS㈢ Power-Transistor OptiMOSPower-Transistor
|
INFINEON[Infineon Technologies AG]
|
IPB80N04S2-H4 IPI80N04S2-0H4 IPP80N04S2-H4 SP0002- |
OptiMOSPower-Transistor 的OptiMOS㈢功率晶体管 OptiMOS㈢ Power-Transistor OptiMOS? Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
15-80-0403 15-80-0445 15-80-0503 15-80-0101 15-80- |
CGrid VT Shrd Hdr Opt A 15 SAu 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 15 SAu 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A 30 SAu 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid VT Shrd Hdr Opt A Tin 12Ckt
|
Molex, Inc. MOLEX INC
|
15-38-8227 15-47-4151 15-38-8077 15-38-8217 |
SL FFC/FPC Opt C Female Tin 22Ckt 22 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female 15 SAu 15Ckt 15 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt C Female Tin 21Ckt
|
Molex, Inc. MOLEX INC
|
15-80-0407 15-80-0409 |
CGrid VT Shrd Hdr Opt B Tin 40Ckt CGrid VT Shrd Hdr Opt B 15 SAu 40Ckt
|
MOLEX INC
|
14-60-0044 14-60-0134 14-60-0164 |
CGrid SL IDT Opt G Tin 4Ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G Tin 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 100 SL Assy Single Row 15 SAu 16Ckt
|
Molex, Inc. MOLEX INC
|
14-45-1820 14-45-1805 14-45-1804 14-45-1819 |
SL IDT Opt D Male 28AWG Tin 20Ckt 20 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG Tin 5Ckt 5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG Tin 4Ckt 4 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Male 28AWG Tin 19Ckt 19 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-3127 14-56-3047 14-56-3137 MOLEXINC-14-56-32 |
CGrid SL IDT Opt D 15 SAu 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt D 15 SAu 13Ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-60-0082 14-60-0202 |
CGrid SL IDT Opt G Tin 8Ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC CGrid SL IDT Opt G Tin 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-7257 14-56-7087 |
CGrid SL IDT Opt G 15 SAu 25Ckt 25 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP CGrid SL IDT Opt G 15 SAu 8Ckt 8 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
14-56-7241 14-56-7061 |
SL IDT Opt D Female 22AWG Tin 24Ckt 24 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC SL IDT Opt D Female 22AWG Tin 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC
|
Molex, Inc.
|
14-56-2165 |
CGrid SL IDT Opt A 15 SAu 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
|